Part Number Hot Search : 
ST92E141 EM78447B BCM5421S V515ME01 HC165A SK502 ALC202A TRC10
Product Description
Full Text Search
 

To Download UNA0232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistor Arrays
UNA0232
Transistor array to drive the small motor s Features
q q q q
Small and lightweight Low power consumption Low-voltage drive With 4 elements incorporated
6.50.3 10-0.40.1
Unit: mm
5.50.3 1 10
1.50.1 0.8
s Applications
q q
For motor drives Small motor drive circuits in general
5
6 12 6
0 to 0.1 0.5
45
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Peak collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT* Tj Tstg
(Ta=253C)
Ratings 12 10 7 1 2 0.5 150 -55 to +150 Unit V V V A A W C C
6 0.50.2 7.70.3
Internal Connection
1 2 3 4 5 Q3 Q4 Q1 Q2 10 9 8 7 6
* TC = 25C only when the elements are active
0.2 -0.05
12
+0.1
8-0.90.1
SO-10C Package
1
Small Signal Transistor Arrays
UNA0232
s Electrical Characteristics
q
(Ta=25C)
Symbol VCBO VCEO IEBO ICBO hFE VCE(sat) REB VF IF = 1A Conditions IC = 10A, IE = 0 IC = 0.1mA, IB = 0 VEB = 5V, IC = 0 VCB = 10V, IE = 0 VCE = 1V, IC = 0.5A* IC = 0.5A, IB = 25mA* 3.3 200 0.1 4.7 min 12 10 0.8 1.6 1 700 0.15 6.1 1.5 V k V typ max Unit V V mA A
UN0232 (Q1, Q2)
Parameter
Collector to base voltage Collector to emitter voltage Emitter cutoff current Collector cutoff current Forward current transfer ratio Collector to emitter saturation voltage Bias resistance Forward voltage
q
UN0232 (Q3, Q4)
Parameter Symbol VCBO VCEO VEBO ICBO hFE VCE(sat) VF Conditions IC = 10A, IE = 0 IC = 0.1mA, IB = 0 IE = 10A, IC = 0 VCB = 10V, IE = 0 VCE = 1V, IC = 0.5A* IC = 0.5A, IB = 25mA* IF = 1A 200 0.1 min 12 10 7 1 700 0.15 1.5 V V typ max Unit V V V A
Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector cutoff current Forward current transfer ratio Collector to emitter saturation voltage Forward voltage *Pulse measurement
2


▲Up To Search▲   

 
Price & Availability of UNA0232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X